Part Number Hot Search : 
25L5121 SFH614 PO0R4 2060CT CY7C102 TSC426 B3912 MC13020P
Product Description
Full Text Search
 

To Download 100AWSP1T1B1M5REH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  phone: 800-867-2717 fax: 763-531-8235 122 tact switches navigation switches pushbutton switches toggle switches rocker switches slide switches snap-action switches dip switches keylock switches rotary switches detector switches cap options series 100a switches specifications subject to change without notice. example ordering number 100a _ wdp4 _ t1 _ b4 _ m1 _ r _ e toggle switches - miniature spdt specifications contact rating: dependent upon contact material life expectancy: 30,000 make-and-break cycles at full load contact resistance: 10 m 1 max. typical initial @ 2-4 vdc 100 ma for both silver and gold plated contacts insulation resistance: 1,000 m 1 min. dielectric strength: 1,000 v rms @ sea level operating temperature: -30 c to 85 c materials case & bushing: pbt pedestal of case: lpc actuator: brass, chrome plated with internal o-ring seal switch support: brass or steel tin plated contacts / terminals: silver or gold plated copper alloy how to order features & benefits variety of switching functions miniature multiple actuator & bushing options sealed to ip67 applications/markets telecommunications instrumentation networking medical equipment series 100a t1 t2 actuator m1 m2 m5 m6 m7 vs2 vs3 termination q = silver r = gold contact material h = hardware hardware seal e e = epoxy sealed at base of terminal ( ) = momentary pos 1 pos 2 pos 3 model no. wsp-1 on none on wsp-2 on none (on) wsp-3 on off on wsp-4 (on) off (on) wsp-5 on off (on) term. comm. 2-3 open 2-1 schematic b1 b4 bushing wsp1 wsp2 wsp3 wsp4 wsp5 wdp1 wdp2 wdp3 wdp4 wdp5 model no.
www.e-switch.com info @ e-switch.com 123 tact switches navigation switches pushbutton switches toggle switches rocker switches slide switches snap-action switches dip switches keylock switches rotary switches detector switches cap options t1 actuator std. when ordered with m1 termination. add 0.100 (2.54) for b4 bushing. std for m2, m6, m7, vs termination std for m1 t2 actuator std. when ordered with vs, m2, m6 or m7 terminations. add 0.100 (2.54) for b4 bushing. dpdt ( ) = momentary pos 1 pos 2 pos 3 model no. wdp-1 on none on wdp-2 on none (on) wdp-3 on off on wdp-4 (on) off (on) wdp-5 on off (on) term. comm. 2-3, 5-6 open 2-1, 5-4 schematic actuator options bushing options t2 b1 b4 t1
phone: 800-867-2717 fax: 763-531-8235 124 tact switches navigation switches pushbutton switches toggle switches rocker switches slide switches snap-action switches dip switches keylock switches rotary switches detector switches cap options series 100a switches toggle switches - miniature m1 m2 spdt spdt p.c. mounting termination options m1 m2 dpdt dpdt p.c. mounting p.c. mounting p.c. mounting
www.e-switch.com info @ e-switch.com 125 tact switches navigation switches pushbutton switches toggle switches rocker switches slide switches snap-action switches dip switches keylock switches rotary switches detector switches cap options m7 m6 m6 m7 spdt dpdt spdt dpdt p.c. mounting p.c. mounting p.c. mounting p.c. mounting
phone: 800-867-2717 fax: 763-531-8235 126 tact switches navigation switches pushbutton switches toggle switches rocker switches slide switches snap-action switches dip switches keylock switches rotary switches detector switches cap options contact material options q r fixed terminal: gold flash over silver plated copper alloy moving contact: silver plated copper alloy rating: 5 amps with resistive load @ 120vac or 28vdc; 2 amps with resistive load @ 250vac fixed terminal: copper alloy with gold plate over nickel plate moving contact: copper alloy with gold plate overnickel plate rating: 0.4 volt-amps (va) max. @ 20v max. (ac or dc) locking ring hdw15 lock washer hdw11 nut hdw2 hardware series 100a switches toggle switches - miniature vs2-vs3 vs2-vs3 spdt dpdt p.c. mounting p.c. mounting option code dim. 'a' vs2 .460 (11.68) vs3 .630 (16.00) option code dim. 'a' vs2 .460 (11.68) vs3 .630 (16.00)


▲Up To Search▲   

 
Price & Availability of 100AWSP1T1B1M5REH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X